Part Number Hot Search : 
B70NF B1010 57100 STN85109 SN3904 MCP111 12S15 1107R2
Product Description
Full Text Search
 

To Download NX2520SG-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units - 5 - 13a_1227_nx2520sg_e nx2520sg for mobile communications crystal unit with built-in thermistor construction. minimize circuit design space by combining crystal unit into one component. (presently, crystal unit and temperature sensor is mounted in one board separately.) placing temperature sensor(thermistor) close to crystal blank in one airtight housing can detect more precise crystal blank temperature. improvement on frequency temperature compensation compared to present crystal unit. single cavity housing which is ideal to module applications. lead-free. meets the requirements for re-fow profling using lead-free solder . *2 equivalent series resistance nominal frequency (mhz) equivalent series resistance max. [] 19.2 to 20 70 20 to 40 50 40 to 54 40 features item model nx2520sg nominal frequency 19.2 to 54 mhz overtone order fundamental frequency tolerance (30 3c ) 10 10 ?6 frequency versus temperature characteristics (with reference to +30 c) 12 10 ?6 operating temperature range ?30 to +85 c storage temperature range ?40 to +85 c equivalent series resistance refer to *1 level of drive 10 w (max. 100 w) load capacitance 7 pf specifcations number std-ctx-1 specifcations mm 2.0.0.1 0.900.10 (0.8) (0.65) c0.3 c0.3 #3 #4 #1 #2 #3 #4 #1 #2 2.50.1 (0.65) (0.8) 1.7 1.3 1.2 1.0 land pattern (typical) terminal land connections (top view) #3 #4 #1 #2 terminal #1, #3 : x tal #4 : thermistor #2 : thermistor & gnd dimensions ntc thermistor for temperature sensor dimensions 0.6 0.3 0.3 mm resistance [r25] 100k 1 % b-constant [b25-50] 4250k 1 % please specify the model name, frequency, and specifcation number when you order products. for further questions regarding specifcations, please feel free to contact us.


▲Up To Search▲   

 
Price & Availability of NX2520SG-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X